Part Number Hot Search : 
SC284 TPS61107 NTE4022B 7703S80 PME271E BCPZRL 21366 73233M
Product Description
Full Text Search
 

To Download 86013-5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STII Connectors & Adapters
Features & Benefits * STII* compatible bayonet coupling
* *
with locking nut feature Non-Optical Disconnect design (NOD) Low insertion loss: < .34 dB typical MM < .17 dB typical MM enhanced < .15 dB typical SM Variety of ferrules - Pre-polished SM & MM ceramic PC - Stainless steel
Applications * Telecommunications * Local Area Networks (LAN's) * Data processing networks * Active device termination * Premise installations * Instrumentation
*
The Molex STII connector series offers a versatile coupling nut design which allows the STII connector to provide either standard ST* or non-optical disconnect terminations. This STII series of connectors is made of the latest engineering polymers and metals. The series utilizes pre-radiused and pre-polished ceramic ferrules which minimize the polishing time and provide a consistent ferrule end face geometry. Employing the Molex termination method and the pre-polished connectors, consistent and economical terminations are readily achieved. Connector-to-connector mating is achieved by using the standard ST bulkhead feed-through adapters. These adapters combine a molded polymer or metal housing with either the extremely precise zirconia ceramic, the rugged phosphor bronze or the economical polymer alignment sleeve.
*STII and ST are trademarks of Lucent Technologies
Optical Performance Distribution
Insertion Loss Performance (MM Enhanced ferrule, 62.5/125m fiber)
20
40
Insertion Loss Performance (SM ferrule, 9/125m fiber)
Avg.: 0.15 dB Std. Dev.: 0.05 dB
Avg.: 0.17 dB Std. Dev.: 0.06 dB
15
35 30
Frequency
10
Frequency
0 0.04 0.08 0.12 0.16 0.2 0.24 0.28
25 20 15 10 5
5
0
0 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35
Insertion Loss (dB)
Insertion Loss (dB)
MOLEX FIBER OPTICS DIVISION 5224 Katrine Avenue, Downers Grove, IL 60515 / Tel: 800-A1-FIBER or (630) 512-8787 Web: www.molex.com/fiber
STII Connectors & Adapters
Performance and Specifications
Characteristics Durability Temperature Range: Storage Operating Thermal Aging Temperature Cycling Humidity Cycling Vibration Flex Test Twist Test Proof Test Straight Pull Test Side Pull Test Stability Impact Units ~dB Min. Typ. Max. 0.11 Comments EIA/TIA - 455 - 21A, 200 cycles, clean every 25 cycles May be further limited by cable specifications May be further limited by cable specifications EIA/TIA - 455 - 4A, 85C 14 days EIA/TIA - 455 - 3A, -40C to +75C, 42 cycles EIA/TIA - 455 - 5A, 95% RH 60C 14 days EIA/TIA - 455 - 11A, 10 to 50 Hz, 2 hrs./axis Telcordia 326, 0.9 Kg, 100 cycles Telcordia 326, 1.35 Kg load Telcordia 326, 4.5 Kg. at 90, 6.8 Kg at 0 Telcordia 326, 4.5 Kg load Telcordia 326, 2.3 Kg load Telcordia 326, .45 Kg at 90, 60, 30 & 0 EIA/TIA - 455 - 2A, 1.5 M drop, 8 cycles
C C ~dB ~dB ~dB ~dB ~dB ~dB ~dB ~dB ~dB ~dB ~dB
-40 -40 -
-
+80 +80 .04 .09 .06 .02 .02 .02 .02 .06 .33 .09 .02
Mechanical Dimensions
STII Connector, 3.0mm Boot Style
0.310 7.9 1.901 48.3 CABLE
0.372 09.4
0.098 2.5
D
STII Connector, 900m Boot Style
0.310 7.9
1.800 45.7
BUFFERED FIBER
0.372 09.4
0.098 2.5 INCHES mm
D
All dimensions in
STII Connectors & Adapters
Standard Part Numbers
Order Number
86013-0000 86013-0100 86013-0500 86013-3000 86013-3100 86013-3500 86013-4000 86013-4100 86013-4500 86013-5000 86013-5100 86013-5500 86013-7000 86013-7100 86013-7500 86013-8000 86013-8100 86013-8500
Description
STII connector, MM, zirconia PC+ ferrule, NOD option STII connector, MM, zirconia PC+ ferrule STII connector, MM, zirconia PC+ ferrule, buffered fiber STII connector, MM enhanced, zirconia PC ferrule, NOD option STII connector, MM enhanced, zirconia PC ferrule STII connector, MM enhanced, zirconia PC ferrule, buffered fiber STII connector, SM, zirconia PC ferrule, NOD option STII connector, SM, zirconia PC ferrule STII connector, SM, zirconia PC ferrule, buffered fiber STII connector, SM, zirconia PC ferrule, NOD option STII connector, SM, zirconia PC ferrule STII connector, SM, zirconia PC ferrule, buffered fiber STII connector, SM, zirconia PC ferrule, NOD option STII connector, SM, zirconia PC ferrule STII connector, SM, zirconia PC ferrule, buffered fiber STII connector, MM, stainless steel ferrule, NOD option STII connector, MM, stainless steel ferrule STII connector, MM, stainless steel ferrule, buffered fiber
Hole size "D" Cable size
127m 127m 127m 128m 128m 128m 125m 125m 125m 126m 126m 126m 127m 127m 127m 127m 127m 127m 2.4mm and 3.0mm 2.4mm and 3.0mm 900m buffered fiber 2.4mm and 3.0mm 2.4mm and 3.0mm 900m buffered fiber 2.4mm and 3.0mm 2.4mm and 3.0mm 900m buffered fiber 2.4mm and 3.0mm 2.4mm and 3.0mm 900m buffered fiber 2.4mm and 3.0mm 2.4mm and 3.0mm 900m buffered fiber 2.4mm and 3.0mm 2.4mm and 3.0mm 900m buffered fiber
NOD = Non-Optical Disconnect, feature prevents ferrules from separating when force is applied to the cable
86001-0103 Rev. 1
USA/30MFO/2000.11
(c)2000, Molex
Molex reserves the right to make any changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.


▲Up To Search▲   

 
Price & Availability of 86013-5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X